PART |
Description |
Maker |
SP5060 |
2Ghz Fixed Modulus Frequency Synthesiser
|
GEC Plessey Semiconductors
|
YMU759 |
1-2 CABLE/SATELLITE TV SPLITTER, 2GHZ 合成芯片的手提电 1-2 CABLE/SATELLITE TV SPLITTER, 2GHZ SYNTHESIS LSI FOR PORTABLE TELEPHONE
|
Electronic Theatre Controls, Inc. YAMAHA CORPORATION ETC List of Unclassifed Manufacturers
|
73780-1245 73780-1256 73780-0223 73780-0264 |
HDM DC Stkg Mod ST3.0 15MM Hgt 144Ckt 144 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE HDM Daughtercard Stkg Mod ST3.5 144Ckt 144 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE HDM DC Stkg Mod 72 Ckt 13mm Hgt ST 72 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE HDM DC Stkg Mod ST4.0 30 SAu 72 Ckt
|
Molex, Inc. MOLEX INC
|
74300-0133 74300-2143 74300-1153 74300-2157 74300- |
HDM DC Stkg Mod Gde Opt ST2.5 72Ckt 72 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HDM DC Stkg Mod PF 3.0 30 SAu 72 Ckt 72 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM DC Stkg Mod Gde Op 13mm ST3.5 144Ckt 144 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HDM DC Stkg Mod PF3.5 30 SAu 72 Ckt 72 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM DC Stkg Mod Gde Opt ST3.0 72 Ckt 72 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
IHB2EB1R0M IHB6BV6R8M IHB2BV121K IHB6BV123K IHB2BV |
General Fixed Inductor, 1 ELEMENT, 1 uH, GENERAL PURPOSE INDUCTOR, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, IND,WIREWOUND,6.8UH,20% TOL,20% -TOL General Fixed Inductor, IND,WIREWOUND,120UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,12MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,8.2UH,20% TOL,20% -TOL IND FLTR 33UH 20% 1KHZ 13.5A RDL - Bulk General Fixed Inductor, IND,WIREWOUND,390UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,3.3UH,20% TOL,20% -TOL General Fixed Inductor, IND,WIREWOUND,8.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,820UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,1.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,100UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,22UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,10MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,18UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,150UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,1.5MH,10% TOL,10% -TOL
|
Vishay Dale
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
TFF2207T |
2GHz RF Mixer
|
Gunter Seniconductor GmbH.
|
1605004 |
HC-M-25-MOD-ST
|
PHOENIX CONTACT
|
PVD3354 PVD2352 |
300V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package 200V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package
|
International Rectifier
|
Q62702-F543 BFR14C |
NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group]
|
|